PART |
Description |
Maker |
R7222407 R7221607 R7220607 R7222207 R7222607 R7220 |
700 A, 600 V, SILICON, RECTIFIER DIODE Fast Recovery Rectifier (700 Amperes Average 2600 Volts)
|
POWEREX INC POWEREX[Powerex Power Semiconductors]
|
LD7217W LD7217S LD7217 |
6 GHz, 600 W/700 W CW, PPM FOCUSING, HIGH POWER GAIN 6千兆赫,600 W/700 W连续,分之为重点,高功率增益 6 GHz / 600 W/700 W CW / PPM FOCUSING / HIGH POWER GAIN 6 GHz 600 W/700 W CW PPM FOCUSING HIGH POWER GAIN
|
NEC, Corp. NEC[NEC]
|
SM700 |
600-700 WATTS PROGRAMMABLE DC SUPPLY
|
Powerbox
|
OSC-13SH OSC-1.3SH |
NPN Silicon RF Power Transistor(Ic: 700 mA,Vce: 30 V)(NPN 纭??灏??????朵?绠?Ic: 700 mA,Vce: 30 V)) NPN Silicon RF Power Transistor(Ic: 700 mA,Vce: 30 V)(NPN 硅型射频功率晶体Ic: 700 mA,Vce: 30 V))
|
ADVANCED SEMICONDUCTOR INC Advanced Semiconductor, Inc.
|
MAC210A10 ON0354 MAC210A8-D MAC210A8 |
Silicon Bidirectional Thyristor(10A00V三端双向可控硅晶闸管) 600 V, 10 A, TRIAC, TO-220AB 10AMPERES RMS 600 thru 800 VOLTS From old datasheet system Triacs Silicon Bidirectional Thyristors
|
ON Semiconductor
|
P6SMB27A P6SMB68A P6SMB220 P6SMB220A P6SMB30 P6SMB |
600 Watts Suface Mount Transient Voltage Suppressor 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA
|
Taiwan Semiconductor Company, Ltd http:// Taiwan Semiconductor Co...
|
SBT250-10JS |
100V, 25A Rectifi er
|
Sanyo Semicon Device
|
SMBJ78A-TP SMBJ78CA-TP SMBJ26CA-TP SMBJ170A-TP SMB |
TVS 600W 78V UNIDIRECT SMB 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA TVS 600W 78V BIDIRECT SMB 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA TVS 600W 26V BIDIRECT SMB 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA TVS 600W 170V UNIDIRECT SMB 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA TVS 600W 22V BIDIRECT SMB 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA TVS 600W 33V UNIDIRECT SMB 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA TVS 600W 130V UNIDIRECT SMB 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA TVS 600W 100V BIDIRECT SMB 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA
|
Micro Commercial Components, Corp.
|
SDR70700JEDZMU1 |
70 A, 700 V, SILICON, RECTIFIER DIODE
|
Solitron Devices, Inc.
|
RURG5070 |
50 A, 700 V, SILICON, RECTIFIER DIODE
|
HARRIS SEMICONDUCTOR
|
|